Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-15 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L810HW-R68MF-15
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-15 Datasheet(HTML) 2 Page - Superworld Electronics

  L810HW-R68MF-15 Datasheet HTML 1Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-15 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
7. ELECTRICAL CHARACTERISTICS :
L810HW SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
25.08.2010
h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
g) Saturation Current (Isat) : Will cause L to drop approximately 20% typ.
a) Test Freq. : Q : 100KHz/1.0V
f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately T=40°C without core loss.
b) Ambient Temp. : 20°C
e) Humidity Range : 50 ~ 60% RH
c) Operating Temp. : -55°C to +125°C
d) Storage Temp. : -55°C to +125°C
0
6. GENERAL SPECIFICATION :
16
2.20
L810HW-2R2MF-
L810HW-100MF-
L810HW-4R7MF-
L810HW-3R3MF-
L810HW-6R8MF-
4.70
10.0
6.80
3.30
10
7
9
12
Inductance L
L810HW-1R0MF-
L810HW-1R5MF-
L810HW-R47MF-
L810HW-R68MF-
Part No.
Typ.
±20% @ 0 Adc
0.68
1.50
1.00
0.47
28
19
24
32
( µH )
0
( A )
Irms
20
8.0
20
16
9.5
13
18
15
34
22
12
20
20
20
20
DCR
Max.
( m )
2.0
2.5
5.5
3.5
Typ.
40
28
36
44
( A )
Isat
Min.
12
20
20
12
Q
HIGH CURRENT MOLDED POWER INDUCTORS
Test
( Hz )
1.0V/100K
Frequency
1.0V/100K
1.0V/100K
1.0V/100K
1.0V/100K
1.0V/100K
1.0V/100K
1.0V/100K
1.0V/100K
L810HW-R82MF-
0.82
0.25V/100K
25
38
3.0
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com