Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L811HW-R68MF-17 Datasheet(PDF) 4 Page - Superworld Electronics

Part # L811HW-R68MF-17
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L811HW-R68MF-17 Datasheet(HTML) 4 Page - Superworld Electronics

  L811HW-R68MF-17 Datasheet HTML 1Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 2Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 3Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 4Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 5Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 6Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 7Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 8Page - Superworld Electronics L811HW-R68MF-17 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
L811HW SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
30.08.2010
8. CHARACTERISTICS CURVES :
HIGH CURRENT MOLDED POWER INDUCTORS
0
0.05
0.1
0.15
0.2
0.25
0.3
010
20
32
40
DC CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
L811HW-R22MF-
0
8
16
24
32
40
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
S MPI1004HW-R36
L811HW-R36MF
L811HW-R36MF-
08
16
2 4
3 2
40
DC CURREN T(A)
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
90
100
S MPI1 004H W-R 47
L811HW -R47MF
L811HW-R47MF-
0
7.6
15.2
22.8
30.4
38
DC CUR RENT (A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
SMPI1004H W-R 56
L811HW-R56MF
L811HW-R56MF-
0
6.6
13.2
19 .8
26.4
3 3
DC CU RR ENT (A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
SM PI1004H W-R68
L811HW -R68MF
L811HW-R68MF-
0
6
12
18
24
30
DC CU RR EN T(A)
0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
70
80
90
100
SMPI1004HW-1R 0
L811HW-1R0MF
L811HW-1R0MF-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com