Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-16 Datasheet(PDF) 8 Page - Superworld Electronics

Part # L810HW-R68MF-16
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-16 Datasheet(HTML) 8 Page - Superworld Electronics

Back Button L810HW-R68MF-16 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 9Page - Superworld Electronics L810HW-R68MF-16 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
25.08.2010
L810HW SERIES
11. SOLDERING AND MOUNTING :
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
30~60s
60~120s
Figure 1. Re-flow Soldering
Preheating
230
150
180
250~260
Soldering
10s max.
Natural
cooling
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
Gradual
Cooling
Within 3secs.
Figure 2. Iron Soldering
Over 1min.
Soldering
Preheating
260
150
280
cooling
Natural
11-2.2 Soldering Iron (Figure 2) :
a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
a) Preheat circuit and products to 150°C.
air soldering tools.
11-2.1 Solder Re-flow :
Note :
b) 280°C tip temperature (max)
4.0
11-2. Soldering
4.0
7.0
11-1. Recommended PC Board Pattern
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com