Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L811HW-R68MF-18 Datasheet(PDF) 9 Page - Superworld Electronics

Part # L811HW-R68MF-18
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L811HW-R68MF-18 Datasheet(HTML) 9 Page - Superworld Electronics

Back Button L811HW-R68MF-18 Datasheet HTML 2Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 3Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 4Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 5Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 6Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 7Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 8Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 9Page - Superworld Electronics L811HW-R68MF-18 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 9
30.08.2010
L811HW SERIES
12. PACKAGING INFORMATION :
Ko
t
4.0±0.1
Ø1.5+0.1
2.0±0.1
Bo(mm)
11.8±0.1
12-3. Packaging Quantity
0.15 MIN
L811HW
Series
Ao(mm)
10.5±0.1
11.5±0.1
F(mm)
Ao
P(mm)
16.0±0.1
Ko(mm)
4.5±0.1
W(mm)
24.0±0.3
P
0.35±0.05
t(mm)
12-2 Tape Dimension
24.0±0.5
A(mm)
13" x 24mm
Type
100±2.0
B(mm)
D(mm)
13.5±0.5
330
C(mm)
EMBOSSED CARRIER
A
COVER TAPE
12-1. Reel Dimension
L811HW
7200
1800
Carton
Chip / Reel
Inner Box
Size
900
2.0±0.5
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com