Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-17 Datasheet(PDF) 10 Page - Superworld Electronics

Part # L810HW-R68MF-17
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-17 Datasheet(HTML) 10 Page - Superworld Electronics

Back Button L810HW-R68MF-17 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 9Page - Superworld Electronics L810HW-R68MF-17 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 10
25.08.2010
L810HW SERIES
12-4. Tearing Off Force
The force for tearing off cover tape is 15 to 60 grams
in the arrow direction under the following conditions.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 30°C and 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
2. Transportation :
Application Notice
Top cover tape
F
Base tape
165° to 180°
Room Temp.
(°C)
5~35
Room Humidity
(%)
45~85
Tearing Speed
(mm/min)
300
Room atm
(hPa)
860~1060
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com