Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-18 Datasheet(PDF) 4 Page - Superworld Electronics

Part # L810HW-R68MF-18
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-18 Datasheet(HTML) 4 Page - Superworld Electronics

  L810HW-R68MF-18 Datasheet HTML 1Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-18 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
L810HW SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
25.08.2010
8. CHARACTERISTICS CURVES :
HIGH CURRENT MOLDED POWER INDUCTORS
0
8.8
17.6
26.4
35.2
44
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
SMPI120 3HW-R4 7
L810HW -R47MF
L810HW-R47MF-
0
8.8
17.6
26 .4
35.2
4 4
DC CURR ENT(A )
0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
70
80
90
100
SM PI1203H W-R6 8
L810HW -R68MF
L810HW-R68MF-
L810HW-R82MF
L810HW-R82MF-
0
8
16
24
32
40
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-1R0
L 810HW -1R0M F
L810HW -1R0MF-
0
5.6
11.216.822.4
28
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-1R5
L810HW-1R5MF
L810HW-1R5MF-
0
4
8
12162 024
DC CURRENT (A)
0
0.8
1.6
2.4
3.2
4
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-2R2
L810HW -2R 2MF
L810HW -2R2MF-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com