Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-23 Datasheet(PDF) 7 Page - Superworld Electronics

Part # L810HW-R68MF-23
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-23 Datasheet(HTML) 7 Page - Superworld Electronics

Back Button L810HW-R68MF-23 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 9Page - Superworld Electronics L810HW-R68MF-23 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
25.08.2010
L810HW SERIES
10. RELIABILITY AND TEST CONDITION :
Electrical Characteristics Test
defects harmful to the characteristics should not
be allowed.
Appearance : Cracking, shipping and any other
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
Random Vibration Test
Humidity Resistance
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
Thermal Shock
Low Temperature
High Temperature
Life Test
Life Test
Total : 5 cycles
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
directions (Total 6 hours).
Humidity : 90% to 95%
Applied Current : Rated Current
Time : 500±12 hours
Temperature : 40±5°C
Times (min.)
30±3
Within 3
Within 3
30±3
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Temperature (°C)
Room Temperature
Room Temperature
Conditions of 1 cycle.
2
3
4
Step
1
+125±3
-55±3
Time : 500±12 hours
Time : 500±12 hours
Temperature : -55±5°C
Temperature : 125±5°C
Natural
Preheating Dipping
2. Inductance change : Within ±20%
1. Appearance : No significant abnormality
Reliability Test
Solder Heat Resistance
Preheating
60
seconds
150°C
260°C
10±0.5
seconds
Dipping
Natural
cooling
60
seconds
150°C
245°C
4±1
seconds
cooling
Refer to standard electrical characteristics list
More than 90% of the terminal electrode
should be covered with solder.
Solderability Test
Mechanical Performance Test
Saturation Current (Isat)
Heat Rated Current (Irms)
DCR
Inductance
Flux for lead free : rosin
Solder Temperature : 260±5°C
Flux for lead free : rosin
Dip Time : 10±0.5sec.
Solder : Sn99.95-Cu0.05
Preheat : 150°C, 60sec.
Dip Time : 4±1sec.
Irms(A) will cause the coil temperature rise
approximately
T=40°C without core loss
HP4284A, CH11025, CH3302, CH1320, CH1320S
CH16502, Agilent33420A Micro-Ohm Meter.
Isat(A) will cause Lo to drop approximately 20%
2. Temperature measured by digital surface thermometer
Solder Temperature : 245±5°C
Preheat : 150°C, 60sec.
Solder : Sn99.95-Cu0.05
1. Applied the allowed DC current
LCR meter.
ITEM
PERFORMANCE
TEST CONDITION
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com