Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L810HW-R68MF-25 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L810HW-R68MF-25
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R68MF-25 Datasheet(HTML) 5 Page - Superworld Electronics

  L810HW-R68MF-25 Datasheet HTML 1Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 2Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 3Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 4Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 5Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 6Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 7Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 8Page - Superworld Electronics L810HW-R68MF-25 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
25.08.2010
L810HW SERIES
8. CHARACTERISTICS CURVES :
HIGH CURRENT MOLDED POWER INDUCTORS
04
8
12
16
20
DC CURRENT (A)
0
1.2
2.4
3.6
4.8
6
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-3R3
L810HW -3R3MF
L810HW-3R3MF-
04
8
12
16
20
DC CURRENT(A)
0
1.6
3.2
4.8
6.4
8
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-4R7
L810HW-4R7MF
L810HW-4R7MF-
0
2.6
5.2
7.8
10.4
13
DC CURRENT (A)
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-6R8
L810HW-6R8MF
L810HW-6R8MF-
02 .2
4.4
6.6
8.8
11
DC CURRENT(A)
0
3
6
9
12
15
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-100
L810HW-100MF
L810HW-100MF-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com