Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008LP-R56KF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SCI1008LP-R56KF
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-R56KF Datasheet(HTML) 4 Page - Superworld Electronics

  SCI1008LP-R56KF Datasheet HTML 1Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 2Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 3Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 4Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 5Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 6Page - Superworld Electronics SCI1008LP-R56KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Leader End
Peel-off force should be in the range of 0.1N~0.7N at a peel-off speed of 300± 10mm/min.
Empty compartments
with cover tape (100mm min.)
SUPERWORLD ELECTRONICS (S) PTE LTD
Dimension (unit: mm)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Peeling Direction
<10
°
Top cover tape
Base tape
Peel-off Force :
Trailer (80mm min.)
SCI0805LP
SCI0805S
SCI0805HQ
SCI1008LP
SCI1008S
SCI1008HQ
Leader/Trailer Tape :
Trailer End
8
8
4
2.70
2.70
4
2.80
3.5
2.80
3.5
2
1.75
1.75
2
4
1.80
8
8
8
2.70
4
1.85
4
8
Series
A
1.85
4
BC
2
1.75
2.30
3.5
2.80
3.5
2.30
3.5
1.75
2
1.75
2
2.30
3.5
DE
1.75
2
FG
G± 0.05
C± 0.1
B± 0.1
4± 0.1
Embossed Carrier Tape :
Ø1.5
PG. 4
22.06.2010
Cover tape only
(250mm min.)
2.00
0.23
1.50
0.23
2000pcs / reel
2000pcs / reel
2000pcs / reel
0.90
0.23
2.00
0.23
1.45
0.23
2000pcs / reel
2000pcs / reel
1.45
0.23
HJ
2000pcs / reel
Qty
H± 0.05
Ø1.5
J± 0.05
WIREWOUND CHIP INDUCTORS
SCI1008LP SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com