Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008LP-R56GF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008LP-R56GF
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-R56GF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008LP-R56GF Datasheet HTML 1Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 2Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 3Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 4Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 5Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 6Page - Superworld Electronics SCI1008LP-R56GF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40° C Max.
b) Operating temp. : -40° C to +125° C
a) Storage temp. : -25° C to +80° C
SCI1008LP SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260° C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
40
80
75
68
50
72
57
75
72
67
69
50
K, J, G
50
SCI1008LP-50N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI1008LP-90N F
SCI1008LP-R56 F
SCI1008LP-60N F
SCI1008LP-80N F
SCI1008LP-70N F
50
90
560
25
60
80
70
50
50
50
SCI1008LP-15N F
SCI1008LP-30N F
SCI1008LP-20N F
SCI1008LP-40N F
SCI1008LP-8N2 F
50
15
K, J
K, J
20
40
30
K, J
K, J
50
50
50
K, J
8.2
50
600
500
0.480
1900
1.330
0.520
0.610
0.560
0.550
500
1400
100
400
500
500
500
1800
1400
1700
500
400
600
510
510
0.220
0.220
0.330
0.430
0.380
500
3000
500
500
500
2000
2400
2400
1500
5000
600
600
600
600
600
42
SCI1008LP-3N3 F
K, J
3.3
50
0.030
1500
6000
1000
50
SCI1008LP-6N8 F
K, J
6.8
50
0.170
1500
5400
600
67
50
K, J, G
56
SCI1008LP-56N F
600
500
0.490
1850
72
K, J, G
SCI1008LP-68N F
68
50
0.530
500
1750
560
Inductance tolerance :
: G : ± 2%
K : ± 10%
J : ± 5%
( nH )
Tolerance
Part No.
L
Available
Freq
Freq
Q
( MHz )
Min.
( MHz )
Test
Q Test
( )
( MHz )
(mA)
Max.
Min.
Max.
DCR
SRF
IDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com