Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R60MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDL1108N-R60MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R60MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDL1108N-R60MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R60MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SDL1108N-1R5MF
HIGH CURRENT POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SDL1108N SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
01.07.2009
DLPI11 08N-1R0M-K01
0.0
0.5
1.0
1.5
2.0
DC CURRENT(A)
SDL1108N-1R0MF
SDL1108N-1R0MF
DL P I11 08 N -1R 2 M
0.0
0.4
0.8
1.2
1.6
2.0
DC CU R RE NT (A )
S DL1108N-1R2M F
DLPI1108N-1R2M
S DL1108N-1R2M F
DLPI1108N-1R5M-K01
0
1
2
3
4
DC CURRENT (A)
SDL1108N-1R5MF
DLPI1108N-R80L
0.0
0.2
0.4
0.6
0.8
1.0
DC CURRENT(A)
SDL1108N-R80LF
DLPI1108N-R80L
DC CURRENT(A)
SDL1108N-R80LF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com