Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R56MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SDL1108N-R56MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R56MF Datasheet(HTML) 5 Page - Superworld Electronics

  SDL1108N-R56MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R56MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0
6
12
18
24
30
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
20
40
60
80
100
DLPI1108N-2R0
SDL1108N-2R0MF
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
01.07.2009
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
7. CHARACTERISTICS CURVES :
SDL1108N-2R2MF
SDL1108N-2R2MF
D L PI1108N-3R 3M-K0 1
0.0
1.0
2.0
3.0
4.0
5.0
DC CU RRE N T (A)
SDL1108N-3R3MF
SDL1108N-3R3MF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com