Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108N-R47MF Datasheet(PDF) 7 Page - Superworld Electronics

Part # SDL1108N-R47MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R47MF Datasheet(HTML) 7 Page - Superworld Electronics

  SDL1108N-R47MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R47MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
01.07.2009
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
9. SOLDERING AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
9-2.2 Soldering Iron (Figure 2) :
b) 280°C tip temperature (max)
Natural
cooling
30~60s
Figure 1. Re-flow Soldering
a soldering iron must be employed the following precautions are recommended.
a) Preheat circuit and products to 150°C.
c) Never contact the ceramic with the iron tip
150
180
60~120s
Preheating
250~260
230
Soldering
10s max.
Note :
300
Over 1min.
Within 3secs.
Figure 2. Iron Soldering
150
Gradual
Cooling
Preheating
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
350
Soldering
Natural
cooling
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
Recommended temperature profiles for re-flow soldering in Figure 1.
9-2. Soldering
air soldering tools.
9-2.1 Solder Re-flow :
H
ØI
6.3±0.5
6.4±0.5
G
1.8 Ref.
HI
9.0±0.5
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com