Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM109HHA-R32MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SHM109HHA-R32MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SHM109HHA-R32MF Datasheet(HTML) 1 Page - Superworld Electronics

  SHM109HHA-R32MF Datasheet HTML 1Page - Superworld Electronics SHM109HHA-R32MF Datasheet HTML 2Page - Superworld Electronics SHM109HHA-R32MF Datasheet HTML 3Page - Superworld Electronics SHM109HHA-R32MF Datasheet HTML 4Page - Superworld Electronics SHM109HHA-R32MF Datasheet HTML 5Page - Superworld Electronics SHM109HHA-R32MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S H M 1 0 9 H H A - 1 R 0 M F
(a)
(b)
(d)
(c)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R0 = 1.00uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : SF3 Alloy Powder
(c) Solder : Sn99.95%-Cu0.05%
3. SCHEMATIC :
(d) Tolerance code : M = ± 20%
(e) F : RoHS Compliant
SHM109HHA SERIES
DIP POWER CHOKE COIL
PG. 1
10.06.2011
PCB Pattern
10.5 Max.
10.0 Max.
3.4± 0.5
BC
D
10.5 Max.
(b) Wire : Enamelled Copper Wire
Unit:m/m
E
5.3± 0.5
A
ØW
F
ØW
1.4± 0.1
10.0 Max.
10.5 Max. 10.5 Max.
3.4± 0.5
5.3± 0.5
1.4± 0.1
7.5± 0.5
7.5± 0.5
L
Series
SHM109HHA-R32MF
SHM109HHA-R50MF
(e)
11.0
F
10.5 Max.
10.5 Max.
SHM109HHA-R80MF
SHM109HHA-1R0MF
7.5± 0.5
1.3± 0.1
5.3± 0.5
10.5 Max.
3.4± 0.5
10.0 Max.
10.0 Max.
10.5 Max.
3.4± 0.5
1.2± 0.1
5.3± 0.5
7.5± 0.5
H
5.3± 0.5
5.3± 0.5
5.3± 0.5
5.3± 0.5
F
0.5± 0.2
0.5± 0.2
0.5± 0.2
0.5± 0.2
G
1.7 Typ.
1.6 Typ.
1.5 Typ.
1.7 Typ.
H
R32a
YY.WW
NOTE : Specifications subject to change without notice. Please check our website for latest information.
10.0 Max.
10.5 Max. 10.5 Max.
3.4± 0.5
5.3± 0.5
1.3± 0.1
7.5± 0.5
SHM109HHA-R68MF
5.3± 0.5
0.5± 0.2
1.6 Typ.


Similar Part No. - SHM109HHA-R32MF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM100 SSDI-SHM100 Datasheet
216Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM100 SSDI-SHM100 Datasheet
83Kb / 2P
HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
SHM100SMS SSDI-SHM100SMS Datasheet
224Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM109HHA-R32MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
logo
Superworld Electronics
SDM088HBA SUPERWORLD-SDM088HBA Datasheet
237Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA SUPERWORLD-SDM109HHA Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM119HJA SUPERWORLD-SDM119HJA Datasheet
255Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA SUPERWORLD-SDM129HLA Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SHM088HBA SUPERWORLD-SHM088HBA Datasheet
227Kb / 5P
DIP POWER CHOKE COIL
SHM119HJA SUPERWORLD-SHM119HJA Datasheet
308Kb / 8P
DIP POWER CHOKE COIL
SHM129HLA SUPERWORLD-SHM129HLA Datasheet
299Kb / 8P
DIP POWER CHOKE COIL
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com