Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC0502 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSC0502
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0502 Datasheet(HTML) 3 Page - Superworld Electronics

  SSC0502_10 Datasheet HTML 1Page - Superworld Electronics SSC0502_10 Datasheet HTML 2Page - Superworld Electronics SSC0502_10 Datasheet HTML 3Page - Superworld Electronics SSC0502_10 Datasheet HTML 4Page - Superworld Electronics SSC0502_10 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
470Y
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
0
1
0
10
20
70
t
40
30
(°C)
60
50
90
80
101Y
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
01.10.2010
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
10
10
-1
FREQUENCY(MHZ)
DC CURRENT (A)
23
-1
4
-2
35
10
10
10
3
5
10
1
5
310
35
0
10
5
35
10
2
3
-1
30
10
10
-1
35
10
3
5
4R1Y
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
(uH) 10
5
3
0
L
220Y
470Y
100Y
3
5
1
220Y
4R1Y
100Y
101Y
3
102
5
103
10
(uH)
4R1Y
5
3
0
L
220Y
470Y
3
5
100Y
1
2
3
10
101Y
5
103
2
DC CURRENT (A)
0
5
3
1
10
10
35
3 5
10
35
10
1
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSC0502 SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com