Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC0804 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SSC0804
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0804 Datasheet(HTML) 1 Page - Superworld Electronics

  SSC0804 Datasheet HTML 1Page - Superworld Electronics SSC0804 Datasheet HTML 2Page - Superworld Electronics SSC0804 Datasheet HTML 3Page - Superworld Electronics SSC0804 Datasheet HTML 4Page - Superworld Electronics SSC0804 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S S C 0 8 0 4 1 0 0 Y Z F -
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 100 = 10.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4.50±0.30
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Core : RI Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Terminal : Tinned Copper Plate
3. SCHEMATIC :
(f) F : RoHS Compliant
(g) 11 ~ 99 : Internal controlled number
PG. 1
1.80 Ref.
DF
G
6.50 Ref.
2.30 Ref.
8.00±0.30
8.00±0.30
1.80 Ref.
HI
6.10 Ref.
Unit:m/m
b
(e) Adhesive : Epoxy Resin
10.00 Ref.
E
f
d
g
(f) Adhesive : Epoxy Resin
(g) Ink : Bon Margue
(f)
(e) X, Y, Z : Standard part
SSC0804 SERIES
SMD POWER INDUCTORS
a
c
A
C
E
F
PCB Pattern
30.08.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
(g)
(d) Tolerance code : Y = ±30%


Similar Part No. - SSC0804

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSC012AAA MACOM-SSC012AAA Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
SSC012BAA MACOM-SSC012BAA Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
SSC012EAA MACOM-SSC012EAA Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
SSC012FAA MACOM-SSC012FAA Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
SSC022AAA MACOM-SSC022AAA Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
More results

Similar Description - SSC0804

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com