Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1005M-85NMF-R55 Datasheet(PDF) 4 Page - Superworld Electronics

Part # SSL1005M-85NMF-R55
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1005M-85NMF-R55 Datasheet(HTML) 4 Page - Superworld Electronics

  SSL1005M-85NMF-R55 Datasheet HTML 1Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 2Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 3Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 4Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 5Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 6Page - Superworld Electronics SSL1005M-85NMF-R55 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
08.04.2011
7. RELIABILITY AND TEST CONDITION :
PERFORMANCE
should be covered with solder.
More than 90% of the terminal electrode
Refer to standard electrical characteristics list
60
seconds
60
seconds
Preheating
1. Appearance : No significant abnormality
2. Inductance change : Within ± 20% of initial value
Preheating
No disconnection or short circuit.
2. Inductance : Within ± 20% of initial value.
1. Appearance : No damage
No disconnection or short circuit.
2. Inductance : Within ± 20% of initial value.
1. Appearance : No damage
Reliability Test
Humidity Resistance
Life Test
Life Test
High Temperature
Low Temperature
Thermal Shock
Solderability Test
Solder Heat Resistance
150° C
260° C
150° C
245° C
Inductance
DCR
Heat Rated Current (Irms)
Saturation Current (Isat)
Mechanical Performance Test
Electrical Characteristics Test
ITEM
Temperature : 40± 5° C
Time : 500± 12 hours
Applied Current : Rated Current
Humidity : 90% to 95%
Recovery : 4 to 24hrs of recovery under the standard
Recovery : 4 to 24hrs of recovery under the standard
Temperature : 125± 5° C
Temperature : -40± 5° C
Time : 500± 12 hours
Time : 500± 12 hours
-25± 3
85± 3
Conditions of 1 cycle.
Room Temperature
Room Temperature
Temperature (° C)
Recovery : 4 to 24hrs of recovery under the standard
Recovery : 4 to 24hrs of recovery under the standard
2
Total : 5 cycles
4
3
Step
1
Within 3
Within 3
30± 3
Times (min.)
30± 3
Preheat : 150° C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Dip Time : 10± 0.5sec.
Flux : rosin
Solder Temperature : 260± 5° C
10± 0.5
seconds
Dipping
cooling
Natural
5± 0.5
seconds
Dipping
cooling
Natural
TEST CONDITION
Isat(A) will cause Lo to drop approximately 20%
HIOKI3540
HP4284A
approximately
T=40°C without core loss
Irms(A) will cause the coil temperature rise
solder bath at 245± 5° C for 5 secs
After fluxing, component shall be dipped in a melted
condition after the removal from test chamber.
condition after the removal from test chamber.
condition after the removal from test chamber.
condition after the removal from test chamber.
Random Vibration Test
Appearance : Cracking, chipping and any other
directions (Total 6 hours).
Directions and times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
defects harmful to the characteristics should not
be allowed.
HIGH CURRENT POWER INDUCTORS
SSL1005M SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com