Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1005M-R12MF-R55 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSL1005M-R12MF-R55
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1005M-R12MF-R55 Datasheet(HTML) 2 Page - Superworld Electronics

  SSL1005M-R12MF-R55 Datasheet HTML 1Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 2Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 3Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 4Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 5Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 6Page - Superworld Electronics SSL1005M-R12MF-R55 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SSL1005M SERIES
HIGH CURRENT POWER INDUCTORS
PG. 2
NOTE : Specifications subject to change without notice. Please check our website for latest information.
08.04.2011
Inductance L ( uH )
0.085 ± 20%
5. ELECTRICAL CHARACTERISTICS :
SSL1005M-85NMF-R39
SSL1005M-R12MF-R39
SSL1005M-R10MF-R39
Part No.
31
0.25V/1M
31
31
Freq.
Test
0
Irms
Max.
( A )
0.39
70
52
0.39
70
0.39
DCR
Isat
Max.
( A )
( m )
±9.4%
0.100 ± 20%
0.120 ± 20%
( Hz )
0.25V/1M
0.25V/1M
SSL1005M-R22MF-R39
SSL1005M-R15MF-R39
0.25V/1M
0.25V/1M
0.220 ± 20%
0.155 ± 20%
0.39
0.39
33
25
31
40
0
153045
60
DC CURRENT(A)
0
0.04
0.08
0.12
0.16
0
10
20
30
40
50
60
70
80
SLPI1005M-85NM-R39
SSL1005M-85NMF-R39
0
1224364860
DC CURRE NT(A)
0
0.05
0.1
0.15
0.2
0
10
20
30
40
50
60
70
80
SLPI1005M-R10M-R39
SSL1005M-R10MF-R39
013
26
39
52
DC CURRENT(A)
0
0.05
0.1
0.15
0.2
0
10
20
30
40
50
60
70
80
SLPI1005M-R12M-R39
SSL1005M-R12MF-R39
0
11.5
23
34.5
DC CURRENT(A)
0
0.06
0.12
0.18
0.24
0.3
0
10
20
30
40
50
60
70
80
SLPI1005M-R15M-R39
SSL1005M-R15MF-R39
40
31
0.55
0.25V/1M
0.155 ± 20%
SSL1005M-R15MF-R55
SSL1005M-R22MF-R55
0.220 ± 20%
0.25V/1M
0.55
25
33
SSL1005M-85NMF-R55
SSL1005M-R12MF-R55
SSL1005M-R10MF-R55
0.25V/1M
0.085 ± 20%
0.100 ± 20%
0.120 ± 20%
0.25V/1M
0.25V/1M
70
31
0.55
0.55
31
0.55
31
52
70
6. CHARACTERISTICS CURVES :



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com