Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1308M-R44MF-R32 Datasheet(PDF) 4 Page - Superworld Electronics

Part # SSL1308M-R44MF-R32
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1308M-R44MF-R32 Datasheet(HTML) 4 Page - Superworld Electronics

  SSL1308M-R44MF-R32 Datasheet HTML 1Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 2Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 3Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 4Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 5Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 6Page - Superworld Electronics SSL1308M-R44MF-R32 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Recovery : 4 to 24hrs of recovery under the standard
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
defects harmful to the characteristics should not
Appearance : Cracking, chipping and any other
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Random Vibration Test
be allowed.
Humidity Resistance
2. Inductance : Within ± 20% of initial value.
No disconnection or short circuit.
1. Appearance : No damage
Frequency : 10-55-10Hz for 1 min.
A period of 2 hours in each of 3 mutually perpendicular
Directions and times : X, Y, Z directions for 2 hours.
Amplitude : 1.52mm
directions (Total 6 hours).
08.04.2011
Recovery : 4 to 24hrs of recovery under the standard
Applied Current : Rated Current
condition after the removal from test chamber.
Time : 500± 12 hours
condition after the removal from test chamber.
Humidity : 90% to 95%
Temperature : 40± 5° C
2. Inductance : Within ± 20% of initial value.
Thermal Shock
No disconnection or short circuit.
Low Temperature
High Temperature
Life Test
Life Test
Reliability Test
1. Appearance : No damage
Room Temperature
Room Temperature
85± 3
4
Total : 5 cycles
3
2
Within 3
30± 3
Within 3
condition after the removal from test chamber.
Temperature (° C)
Conditions of 1 cycle.
-25± 3
Step
1
Times (min.)
30± 3
Recovery : 4 to 24hrs of recovery under the standard
Recovery : 4 to 24hrs of recovery under the standard
condition after the removal from test chamber.
Time : 500± 12 hours
Temperature : -40± 5° C
Time : 500± 12 hours
Temperature : 125± 5° C
2. Inductance change : Within ± 20% of initial value
Solder Heat Resistance
1. Appearance : No significant abnormality
Mechanical Performance Test
Saturation Current (Isat)
Solderability Test
More than 90% of the terminal electrode
should be covered with solder.
After fluxing, component shall be dipped in a melted
Dipping
10± 0.5
seconds
Dip Time : 10± 0.5sec.
Flux : rosin
60
seconds
150° C
260° C
Preheating
solder bath at 245± 5° C for 5 secs
Solder Temperature : 260± 5° C
Solder : Sn-Ag3.0-Cu0.5
Preheat : 150° C, 60sec.
Natural
cooling
Isat(A) will cause Lo to drop approximately 20%
cooling
5± 0.5
seconds
245° C
60
seconds
150° C
Preheating
Natural
Dipping
HIGH CURRENT POWER INDUCTORS
Refer to standard electrical characteristics list
Electrical Characteristics Test
Heat Rated Current (Irms)
7. RELIABILITY AND TEST CONDITION :
Inductance
DCR
ITEM
PERFORMANCE
HP4284A
Irms(A) will cause the coil temperature rise
approximately
T=40°C without core loss
HIOKI3540
TEST CONDITION
SSL1308M SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com