Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1308M-R44MF-R53 Datasheet(PDF) 5 Page - Superworld Electronics

Part # SSL1308M-R44MF-R53
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1308M-R44MF-R53 Datasheet(HTML) 5 Page - Superworld Electronics

  SSL1308M-R44MF-R53 Datasheet HTML 1Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 2Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 3Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 4Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 5Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 6Page - Superworld Electronics SSL1308M-R44MF-R53 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8-2. Soldering
8-2.2 Soldering Iron (Figure 2) :
air soldering tools.
8-2.1 Solder Re-flow :
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient
HIGH CURRENT POWER INDUCTORS
8. SOLDERING AND MOUNTING :
8-1. Recommended PC Board Pattern
NOTE : Specifications subject to change without notice. Please check our website for latest information.
7.62± 0.25
7.11± 0.25
3.18± 0.25
300
480s max.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
Gradual
Cooling
Figure 1. Re-flow Soldering
Figure 2. Iron Soldering
TIME(sec.)
25
60~150s
150
60~180s
217
200
Over 1min.
Within 3secs.
150
08.04.2011
Recommended temperature profiles for re-flow soldering in Figure 1.
Natural
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
Soldering
20~40s max.
TP(260° C/10s max.)
Preheating
cooling
Natural
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
Preheating
350
cooling
Soldering
a) Preheat circuit and products to 150° C.
a soldering iron must be employed the following precautions are recommended.
c) Never contact the ceramic with the iron tip
b) 280° C tip temperature (max)
Note :
SSL1308M SERIES
H
G
G
GI
H
Unit:m/m



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com