Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI252018-R27JF-99 Datasheet(PDF) 1 Page - Superworld Electronics

Part # WI252018-R27JF-99
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-R27JF-99 Datasheet(HTML) 1 Page - Superworld Electronics

  WI252018-R27JF-99 Datasheet HTML 1Page - Superworld Electronics WI252018-R27JF-99 Datasheet HTML 2Page - Superworld Electronics WI252018-R27JF-99 Datasheet HTML 3Page - Superworld Electronics WI252018-R27JF-99 Datasheet HTML 4Page - Superworld Electronics WI252018-R27JF-99 Datasheet HTML 5Page - Superworld Electronics WI252018-R27JF-99 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R22 = 0.12uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Terminal : Tinned Copper Flat
(d) Capsulate : Epoxy Novolac Molding Compound
3. SCHEMATIC :
(d) Tolerance code : J = ±5%, K = ±10%, M = ±20%
(e) F : RoHS Compliant
WI252018 SERIES
MOLDED WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
09.03.2011
PCB Pattern
2.0±0.2
1.8±0.2
2.5±0.2
d
a
(b) Wire : Enamelled Copper Wire
Unit:m/m
1.2±0.2
1.5 Ref.
1.5 Ref.
1.0 Ref.
b
0.5±0.3
R22
E
B
E
A
AB
C
E
F
G
H
I
c
I
G
I
W I 2 5 2 0 1 8 - R 2 2 K F -
(f)
(f) 11 ~ 99 : Internal controlled number
F
2.2±0.2
D
D


Similar Part No. - WI252018-R27JF-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WI25C181J100N ETC2-WI25C181J100N Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
WI25C181J1N2 ETC2-WI25C181J1N2 Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
WI25C181J1U ETC2-WI25C181J1U Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
WI25C181J1U2 ETC2-WI25C181J1U2 Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
WI25C181K100N ETC2-WI25C181K100N Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
More results

Similar Description - WI252018-R27JF-99

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
MOLDED WIREWOUND CHIP INDUCTORS
logo
Superworld Electronics
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com