Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R33JF-55 Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI322522-R33JF-55
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R33JF-55 Datasheet(HTML) 2 Page - Superworld Electronics

  WI322522-R33JF-55 Datasheet HTML 1Page - Superworld Electronics WI322522-R33JF-55 Datasheet HTML 2Page - Superworld Electronics WI322522-R33JF-55 Datasheet HTML 3Page - Superworld Electronics WI322522-R33JF-55 Datasheet HTML 4Page - Superworld Electronics WI322522-R33JF-55 Datasheet HTML 5Page - Superworld Electronics WI322522-R33JF-55 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. RECOMMENDED REFLOW SOLDERING PROFILE :
d) Operating temp. : -40°C to +125°C
c) Storage temp. : -40°C to +125°C
b) Ambient temp. : 100°C Max.
a) Temp. rise : 20°C Max.
WI322522 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
23.02.2011
e) Terminal strength : 0.5Kg Min.
5. GENERAL SPECIFICATION :
h) Resistance to solvent : Per MIL-STD-202F
g) Resistance to solder heat : 260°C for 10secs
f) Rated current : Current cause inductance drop within 10%
MOLDED WIREWOUND CHIP INDUCTORS
Profile Feature
Preheat & Soak
Temperature min. ( T
)
smin
Temperature max. ( T
)
smax
Time ( T
to T
) ( t )
smin
smax
s
Sn-Pb Eutectic Assembly
100°C
150°C
60~120 seconds
60~120 seconds
200°C
150°C
Pb-Free Assembly
( T
to T )
Average ramp-up rate
p
smax
30°C/second max.
3°C/second max.
Time at liquidous ( t )
Liquidous temperature ( T )
L
183°C
217°C
L
60~150 seconds
60~150 seconds
Peak package body
temperature ( T )
p
230°C
250°C
specified classification
Time ( t ) within 5°C of the
p
10 seconds max
10 seconds max
temperature ( T )
c
Average ramp-down rate
6°C/second max.
6°C/second max.
( T to T
)
smax
p
temperature
Time 25°C to peak
6 minutes max.
8 minutes max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com