Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R33JF-77 Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI322522-R33JF-77
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R33JF-77 Datasheet(HTML) 3 Page - Superworld Electronics

  WI322522-R33JF-77 Datasheet HTML 1Page - Superworld Electronics WI322522-R33JF-77 Datasheet HTML 2Page - Superworld Electronics WI322522-R33JF-77 Datasheet HTML 3Page - Superworld Electronics WI322522-R33JF-77 Datasheet HTML 4Page - Superworld Electronics WI322522-R33JF-77 Datasheet HTML 5Page - Superworld Electronics WI322522-R33JF-77 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WI322522 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
23.02.2011
7. ELECTRICAL CHARACTERISTICS :
8.0
0.796
20
16.000
65
150.00
WI322522-151 F-
WI322522-221 F-
WI322522-181 F-
0.796
0.796
220.00
180.00
20
20
6.0
6.0
17.000
21.000
60
50
(
)
( mA )
( MHz )
Q
Frequency
Inductance
WI322522-R12 F-
WI322522-R15 F-
WI322522-R18 F-
WI322522-R22 F-
WI322522-R27 F-
WI322522-R47 F-
WI322522-R39 F-
WI322522-R33 F-
WI322522-R56 F-
WI322522-1R0 F-
WI322522-R82 F-
WI322522-R68 F-
WI322522-1R2 F-
WI322522-1R8 F-
WI322522-2R4 F-
WI322522-2R7 F-
WI322522-180 F-
WI322522-470 F-
WI322522-220 F-
WI322522-270 F-
WI322522-390 F-
WI322522-330 F-
WI322522-6R8 F-
WI322522-150 F-
WI322522-120 F-
WI322522-8R2 F-
WI322522-100 F-
WI322522-5R6 F-
WI322522-4R7 F-
WI322522-3R9 F-
WI322522-3R3 F-
WI322522-560 F-
WI322522-680 F-
WI322522-1R5 F-
WI322522-101 F-
WI322522-121 F-
WI322522-820 F-
Part No.
40
7.96
30
1.200
260
3.30
0.796
0.796
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
7.96
7.96
7.96
7.96
7.96
30
22.00
56.00
82.00
100.00
120.00
68.00
33.00
39.00
47.00
27.00
30
20
20
30
30
30
30
30
30
8.20
12.00
15.00
18.00
10.00
6.80
3.90
4.70
5.60
30
30
30
30
30
30
30
30
30
20
3.700
110
13
11
8.0
10
12
20
16
15
17
8.000
55
9.000
12.000
11.000
10.000
50
70
40
45
5.000
7.000
6.400
5.600
70
60
65
25
23
20
20
20
37
32
28
30
2.000
170
2.800
3.300
2.500
2.100
130
120
150
140
1.500
1.600
1.800
1.300
220
200
180
250
7.96
7.96
7.96
7.96
7.96
( MHz )
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
30
0.56
1.20
1.80
2.40
2.70
1.50
0.68
0.82
1.00
30
30
30
30
30
30
30
30
0.22
0.27
0.33
0.47
0.39
( µH )
0.12
0.15
0.18
30
30
30
30
30
30
Min.
30
30
450
0.550
100
70
75
50
45
160
140
120
180
0.750
390
1.000
1.100
0.850
0.900
320
290
370
454
0.600
0.650
0.700
450
450
400
350
250
320
300
220
Min.
500
450
400
450
0.320
0.360
0.450
0.400
0.500
450
450
450
450
Max.
0.220
0.250
0.280
450
450
Max.
450
Test
SRF
RDC
IDC
Inductance tolerance : J : ±5%
MOLDED WIREWOUND CHIP INDUCTORS
K : ±10%
M : ±20%
153



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com