Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86K23 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB86K23
Description  The Fujitsu IEEE 802.16e-2005 Mobile WiMAX SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86K23 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB86K23 Datasheet HTML 1Page - fujitsu semiconductor MB86K23 Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The Fujitsu MB86K23 WiMAX baseband SoC is
compliant with the Wave 2 IEEE 802.16e-2005
standard with optimized PHY and MAC processors for
high performance. The MB86K23 is a successor to the
first generation mobile WiMAX baseband IC that was
certified by the WiMAX Forum.
A total WiMAX solution is available by combining
related chips and supporting software:
• MB86K52: Tri-band RF chip supports 2.3GHz,
2.5GHz and 3.5GHz bands.
• MB39C316: Power Management IC
Simplified block diagram of the Fujitsu Mobile WiMAX SoC.
USB 2.0
MAC
Processor
PHY
Processors
SDIO/SPI
Peripherals
SDRAM
Flash
PMM
RF
Memory
Interface
PMU
AFE
MB86K23
The Fujitsu IEEE 802.16e-2005 Mobile WiMAX SoC
Applications
• Handheld terminals
• Mobile internet devices
• Low-power battery-driven applications
• WiMAX mobile terminals like USB dongles
The Fujitsu MB86K23 Mobile WiMAX SoC is optimized for a wide range of full mobile applications:


Similar Part No. - MB86K23

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Yealink Inc.
MB86-A001 YEALINK-MB86-A001 Datasheet
222Kb / 6P
MeetingBoard
logo
Micro Commercial Compon...
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
fujitsu semiconductor
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
TV/VCR D/A Converter (3 ch, 8 bit)
More results

Similar Description - MB86K23

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2720-SM TRIQUINT-TGA2720-SM Datasheet
1Mb / 1P
2.5 GHz 802.16e WiMax Amplifier
logo
Texas Instruments
TPS23753 TI-TPS23753 Datasheet
835Kb / 27P
IEEE 802.3-2005 PoE INTERFACE AND ISOLATED CONVERTER CONTROLLER
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Agilent(Hewlett-Packard...
E6651A HP-E6651A Datasheet
365Kb / 8P
Mobile WiMAX test set
logo
MERITEK ELECTRONICS COR...
MOC MERITEK-MOC Datasheet
63Kb / 1P
Applications: Wired Network, Automotive, Mobile Communication, WiMAX, WLAN, Mobile
logo
Keysight Technologies
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
Signal Studio for Mobile WiMAX?
logo
Shenzhen Tianyuan Semic...
TP4302B TPOWER-TP4302B Datasheet
738Kb / 7P
2.1A Synchronous Mobile Power SOC
logo
Shenzhen Huazhimei Semi...
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
Synchronous charge and discharge mobile power SOC
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com