Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB557TA Datasheet(PDF) 1 Page - Micro Electronics

Part # MSB557TA
Description  BLINKING LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MSB557TA Datasheet(HTML) 1 Page - Micro Electronics

  MSB557TA Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSB557TA
HIGH
BRIGHTNESS
BLINKING LED LAMP
DESCRIPTION
MSB557TA
is
a
high
brightness
output red LED lamp with a 5mm
diameter clear transparent lens .
The built-in IC flashes the lamp on/off
and can be driven directly by standard
TTL or CMOS circuits , eliminating the
need for external switching circuitry.
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range
-20 to +80°C
Storage Temperature Range
-30 to +100°C
Lead Soldering Temperature (1/16" from body)
260°C for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Luminous Intensity
IV
100
200
mcd
Vopr=3V DC
Operating Voltage
Vopr
2.5
3.0
3.8
V
Peak Current(1/24 duty cycle)
ICM
10
35
mA
Vopr=3V DC
Dominant Wavelength
λ
d
660
nm
Vopr=3V DC
Flashing Rate
0.6
1.0
1.8
Hz
Vopr=3V DC
Viewing Angle
2θ 1/2
20
degree
Vopr=3V DC
CAUTION
*Reverse voltage will damages the LED .
*Static eletricity and surge damages the LED ,It is recommended to use a wrist band or anti-eletrostatic glove
when handling the LED . All devices,equipment and machinery must be properly grounded.
REV : E
20/1/2005
MICRO


Similar Part No. - MSB557TA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB557TA MICRO-ELECTRONICS-MSB557TA Datasheet
41Kb / 1P
BLINKING LED LAMPS
MSB557TA-12V MICRO-ELECTRONICS-MSB557TA-12V Datasheet
43Kb / 1P
BLINKING LED LAMPS
MSB557TA-4 MICRO-ELECTRONICS-MSB557TA-4 Datasheet
44Kb / 1P
BLINKING LED LAMPS
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5 Datasheet
42Kb / 1P
BLINKING LED LAMPS
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5 Datasheet
68Kb / 1P
BLINKING LED LAMP
More results

Similar Description - MSB557TA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-36BID KINGBRIGHT-L-36BID Datasheet
55Kb / 3P
T-1 (3mm) BLINKING LED LAMP
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
T-1 (3mm) BLINKING LED LAMP
L-816BID KINGBRIGHT-L-816BID Datasheet
93Kb / 3P
10mm ROUND, BLINKING LED LAMP
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
92Kb / 3P
8mm BLINKING LED LAMP
logo
SunLED Corporation
BMR34D SUNLED-BMR34D Datasheet
180Kb / 4P
T-1 (3mm) BLINKING LED LAMP
BUY34D SUNLED-BUY34D Datasheet
180Kb / 4P
T-1 (3mm) BLINKING LED LAMP
logo
BetLux Electronics
BL-L513SRC-B BETLUX-BL-L513SRC-B Datasheet
73Kb / 3P
Round Type, Blinking LED lamp
REV NO: V.2
logo
Micro Electronics
MSB557DA MICRO-ELECTRONICS-MSB557DA_05 Datasheet
52Kb / 1P
BLINKING LED LAMP
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5_05 Datasheet
68Kb / 1P
BLINKING LED LAMP
logo
BetLux Electronics
BL-L513XX-B BETLUX-BL-L513XX-B Datasheet
232Kb / 4P
Round Type, Blinking LED lamp
REV NO: V.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com