Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1502SXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP1502SXCT
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502SXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP1502SXCT Datasheet HTML 1Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 2Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 3Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY2DP1502
1:2 LVPECL Fanout Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-56308 Rev. *G
Revised April 19, 2011
Features
■ One low-voltage positive emitter-coupled logic (LVPECL) input
pair distributed to two LVPECL output pairs
■ 20-ps maximum output-to-output skew
■ 480-ps maximum propagation delay
■ 0.15-ps maximum additive RMS phase jitter at 156.25 MHz
(12-kHz to 20-MHz offset)
■ Up to 1.5-GHz operation
■ 8-pin small outline integrated circuit (SOIC) or 8-pin thin shrunk
small outline package (TSSOP) package
■ 2.5-V or 3.3-V operating voltage
[1]
■ Commercial and industrial operating temperature range
Functional Description
The
CY2DP1502
is
an
ultra-low
noise,
low-skew,
low-propagation delay 1:2 LVPECL fanout buffer targeted to
meet
the
requirements
of
high-speed
clock
distribution
applications. The device has a fully differential internal
architecture that is optimized to achieve low additive jitter and
low skew at operating frequencies of up to 1.5 GHz.
Note
1. Input AC-coupling capacitors are required for voltage-translation applications.
Logic Block Diagram
Q0
Q0#
Q1
Q1#
IN
IN#
VDD
VSS
VDD


Similar Part No. - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXC CYPRESS-CY2DP1504ZXC Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXCT CYPRESS-CY2DP1504ZXCT Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXI CYPRESS-CY2DP1504ZXI Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXIT CYPRESS-CY2DP1504ZXIT Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
More results

Similar Description - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
8SLVP1102I IDT-8SLVP1102I_18 Datasheet
462Kb / 21P
LVPECL Output Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
LVPECL Output Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
LVPECL Output Fanout Buffer
logo
Diodes Incorporated
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
12 Output LVPECL Fanout Buffer
Rev 2-2
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
16 Output LVPECL Fanout Buffer
Rev 1-2
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
1:10 LVPECL Output Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com