Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1502SXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP1502SXI
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502SXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2DP1502SXI Datasheet HTML 3Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 9Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 10Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 7 of 13
Figure 6. Output-to-Output and Device-to-Device Skew
Figure 7. RMS Phase Jitter
Figure 8. Output Rise/Fall Time
QX#
QX
QY#
QY
QZ#
QZ
tSK1
tSK1 D
Device 1
Device 2
Phase noise
Phase noise mark
Offset Frequency
f1
f2
Area Under the Masked Phase Noise Plot
Noise Power
RMS Jitter
20%
80%
tR
tF
20%
80%
VPP
QX#
QX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com