Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5400S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N5400S
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N5400S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N5400S Datasheet HTML 1Page - KEC(Korea Electronics) 2N5400S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
2N5400S
* Pulse Test : Pulse Width
300 S, Duty Cycle
2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-100V, IE=0
-
-
-100
nA
VCB=-100V, IE=0, Ta=100
-
-
-100
A
Emitter Cut-off Current
IEBO
VEB=-3V, IC=0
-
-
-50
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-0.1mA, IE=0
-130
-
-
V
Collector-Emitter
*
Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-120
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V
DC Current Gain
*
hFE(1)
VCE=-5V, IC=-1mA
30
-
-
hFE(2)
VCE=-5V, IC=-10mA
40
-
180
hFE(3)
VCE=-5V, IC=-50mA
40
-
-
Collector-Emitter
*
Saturation Voltage
VCE(sat)1
IC=-10mA, IB=-1mA
-
-
-0.2
V
VCE(sat)2
IC=-50mA, IB=-5mA
-
-
-0.5
Base-Emitter
*
Saturation Voltage
VBE(sat)1
IC=-10mA, IB=-1mA
-
-
-1.0
V
VBE(sat)2
IC=-50mA, IB=-5mA
-
-
-1.0
Transition Frequency
fT
VCE=-10V, IC=-10mA, f=100MHz
100
-
400
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
6
pF
Small-Signal Current Gain
hfe
VCE=-10V, IC=-1mA, f=1kHz
30
-
200
Noise Figure
NF
VCE=-5V, IC=-250 A
Rg=1k
, f=10Hz
15.7kHz
-
-
8
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com