Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C109D Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C109D
Description  1-Mbit (128 K 횞 8) Static RAM Low active power
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109D Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C109D Datasheet HTML 6Page - Cypress Semiconductor CY7C109D Datasheet HTML 7Page - Cypress Semiconductor CY7C109D Datasheet HTML 8Page - Cypress Semiconductor CY7C109D Datasheet HTML 9Page - Cypress Semiconductor CY7C109D Datasheet HTML 10Page - Cypress Semiconductor CY7C109D Datasheet HTML 11Page - Cypress Semiconductor CY7C109D Datasheet HTML 12Page - Cypress Semiconductor CY7C109D Datasheet HTML 13Page - Cypress Semiconductor CY7C109D Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CY7C109D
CY7C1009D
Document #: 38-05468 Rev. *G
Page 13 of 14
Document History Page
Document Title: CY7C109D/CY7C1009D, 1-Mbit (128 K × 8) Static RAM
Document Number: 38-05468
Revision
ECN
Submission
Date
Orig. of
Change
Description of Change
**
201560
See ECN
SWI
Advance Information data sheet for C9 IPP
*A
233722
See ECN
RKF
DC parameters are modified as per EROS (Spec # 01-2165)
Pb-free offering in Ordering Information
*B
262950
See ECN
RKF
Added Data Retention Characteristics table
Added Tpower Spec in Switching Characteristics Table
Shaded Ordering Information
*C
See ECN
See ECN
RKF
Reduced Speed bins to -10 and -12 ns
*D
560995
See ECN
VKN
Converted from Preliminary to Final
Removed Commercial Operating range
Removed 12 ns speed bin
Added ICC values for the frequencies 83MHz, 66MHz and 40MHz
Updated Thermal Resistance table
Updated Ordering Information Table
Changed Overshoot spec from VCC+2 V to VCC+1 V in footnote #3
*E
802877
See ECN
VKN
Changed ICC spec from 60 mA to 80 mA for 100MHz, 55 mA to 72 mA for
83MHz, 45 mA to 58 mA for 66MHz, 30 mA to 37 mA for 40MHz
*F
3104943
12/08/2010
AJU
Added Ordering Code Definitions.
Updated Package Diagrams.
*G
3220123
04/08/2011
PRAS
Updated template and styles as per current Cypress standards.
Added Acronyms and units of measure.
Updated package diagrams:
51-85033 to *D
51-85056 to *F
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com