Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA733-X-AE3-R
Description  LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA733-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA733-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SA733-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SA733-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SA733-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA733
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-068,D
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
SOT-23/SOT-323
250
mW
Collector Dissipation
TO-92
PC
1
W
Collector Current
IC
-150
mA
Junction Temperature
TJ
125
Storage Temperature
TSTG
-55 ~ +150
Note:1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA, IB=0
-50
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100mA, IB=-10mA
-0.1
-0.3
V
Collector Cut-Off Current
ICBO
VCB=-40V, IE=0
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-3V, IC=0
-100
nA
DC Current Gain
hFE
VCE=-6V, IC=-1mA
90
600
Current Gain Bandwidth Product
fT
VCE=-10V, IC=-50mA
100
190
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
2.0
3.0
pF
Noise Figure
NF
IC=-0.1mA, VCE=-6V
RG=10kΩ, f=100Hz
4.0
6.0
dB
CLASSIFICATION OF hFE
RANK
R
Q
P
K
RANGE
90-180
135-270
200-400
300-600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com