Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733G-X-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA733G-X-AL3-R
Description  LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA733G-X-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA733G-X-AL3-R Datasheet HTML 1Page - Unisonic Technologies 2SA733G-X-AL3-R Datasheet HTML 2Page - Unisonic Technologies 2SA733G-X-AL3-R Datasheet HTML 3Page - Unisonic Technologies 2SA733G-X-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA733
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R206-068,D
LOW FREQUENCY AMPLIFIER
PNP EPITAXIAL SILICON
TRANSISTOR
DESCRIPTION
The UTC 2SA733 is a low frequency amplifier.
FEATURES
* Collector-emitter voltage:
BVCBO=-50V
* Collector current up to -150mA
* High hFE linearity
* Complimentary to 2SC945
SOT-323
1
2
3
SOT-23
1
2
3
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SA733-x-AE3-R
2SA733L-x-AE3-R
2SA733G-x-AE3-R
SOT-23
E
B
C
Tape Reel
2SA733-x-AL3-R
2SA733L-x-AL3-R
2SA733G-x-AL3-R
SOT-323
E
B
C
Tape Reel
2SA733-x-T92-B
2SA733L-x-T92-B
2SA733G-x-T92-B
TO-92
E
C
B
Tape Box
2SA733-x-T92-K
2SA733L-x-T92-K
2SA733G-x-T92-K
TO-92
E
C
B
Bulk
MARKING (For SOT Package)


Similar Part No. - 2SA733G-X-AL3-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SA733 NEC-2SA733 Datasheet
69Kb / 1P
PNP SILICON TRANSISTOR
logo
Dc Components
2SA733 DCCOM-2SA733 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Daya Electric Group Co....
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA733G-X-AL3-R

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA769 WINGS-2SA769 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SA985 WINGS-2SA985 Datasheet
70Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB435 WINGS-2SB435 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB507 WINGS-2SB507 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB596 WINGS-2SB596 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB633 WINGS-2SB633 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB825 WINGS-2SB825 Datasheet
65Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SA733 FUTUREWAFER-2SA733 Datasheet
959Kb / 7P
Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com