Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC Datasheet(PDF) 2 Page - HolyStone International

Part # HSC
Description  High Temperature and Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HSC Datasheet(HTML) 2 Page - HolyStone International

  HSC Datasheet HTML 1Page - HolyStone International HSC Datasheet HTML 2Page - HolyStone International HSC Datasheet HTML 3Page - HolyStone International HSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions
HSC Series-Stacked Capacitors
Holy Stone
-2 -
Size
Code
A (Max.)
mm
B (Max.)
mm
C (Max.)
mm
Leads
per side
Size
Code
A (Max.)
mm
B (Max.)
mm
C (Max.)
mm
Leads
per side
Size
Code
A (Max.)
mm
B (Max.)
mm
C (Max.)
mm
Leads
per side
1A
8.7
9.2
3.1
3
1J
15.5
16.8
3.1
6
1S
28.6
32.5
3.1
11
2A
8.7
9.2
6.2
3
2J
15.5
16.8
6.2
6
2S
28.6
32.5
6.2
11
3A
8.7
9.2
9.3
3
3J
15.5
16.8
9.3
6
3S
28.6
32.5
9.3
11
4A
8.7
9.2
12.4
3
4J
15.5
16.8
12.4
6
4S
28.6
32.5
12.4
11
5A
8.7
9.2
15.5
3
5J
15.5
16.8
15.5
6
5S
28.6
32.5
15.5
11
1B
10.7
10.7
3.1
4
1K
16.8
15.5
3.1
6
1T
11.8
11.2
3.1
4
2B
10.7
10.7
6.2
4
2K
16.8
15.5
6.2
6
2T
11.8
11.2
6.2
4
3B
10.7
10.7
9.3
4
3K
16.8
15.5
9.3
6
3T
11.8
11.2
9.3
4
4B
10.7
10.7
12.4
4
4K
16.8
15.5
12.4
6
4T
11.8
11.2
12.4
4
5B
10.7
10.7
15.5
4
5K
16.8
15.5
15.5
6
5T
11.8
11.2
15.5
4
1C
13.6
14.9
3.1
5
1L
8.0
9.9
3.1
3
1U
13.1
15.0
3.1
5
2C
13.6
14.9
6.2
5
2L
8.0
9.9
6.2
3
2U
13.1
15.0
6.2
5
3C
13.6
14.9
9.3
5
3L
8.0
9.9
9.3
3
3U
13.1
15.0
9.3
5
4C
13.6
14.9
12.4
5
4L
8.0
9.9
12.4
3
4U
13.1
15.0
12.4
5
5C
13.6
14.9
15.5
5
5L
8.0
9.9
15.5
3
5U
13.1
15.0
15.5
5
1D
21.6
16.8
3.1
7
1M
9.3
8.6
3.1
3
1V
14.4
13.7
3.1
5
2D
21.6
16.8
6.2
7
2M
9.3
8.6
6.2
3
2V
14.4
13.7
6.2
5
3D
21.6
16.8
9.3
7
3M
9.3
8.6
9.3
3
3V
14.4
13.7
9.3
5
4D
21.6
16.8
12.4
7
4M
9.3
8.6
12.4
3
4V
14.4
13.7
12.4
5
5D
21.6
16.8
15.5
7
5M
9.3
8.6
15.5
3
5V
14.4
13.7
15.5
5
1E
16.6
21.6
3.1
6
1N
10.6
10.2
3.1
4
1W
16.9
20.1
3.1
6
2E
16.6
21.6
6.2
6
2N
10.6
10.2
6.2
4
2W
16.9
20.1
6.2
6
3E
16.6
21.6
9.3
6
3N
10.6
10.2
9.3
4
3W
16.9
20.1
9.3
6
4E
16.6
21.6
12.4
6
4N
10.6
10.2
12.4
4
4W
16.9
20.1
12.4
6
5E
16.6
21.6
15.5
6
5N
10.6
10.2
15.5
4
5W
16.9
20.1
15.5
6
1F
38.2
12.0
3.1
14
1P
9.6
11.2
3.1
4
1X
19.5
17.5
3.1
7
2F
38.2
12.0
6.2
14
2P
9.6
11.2
6.2
4
2X
19.5
17.5
6.2
7
3F
38.2
12.0
9.3
14
3P
9.6
11.2
9.3
4
3X
19.5
17.5
9.3
7
4F
38.2
12.0
12.4
14
4P
9.6
11.2
12.4
4
4X
19.5
17.5
12.4
7
5F
38.2
12.0
15.5
14
5P
9.6
11.2
15.5
4
5X
19.5
17.5
15.5
7
1G
38.2
18.9
3.1
14
1Q
10.6
12.4
3.1
4
2G
38.2
18.9
6.2
14
2Q
10.6
12.4
6.2
4
3G
38.2
18.9
9.3
14
3Q
10.6
12.4
9.3
4
4G
38.2
18.9
12.4
14
4Q
10.6
12.4
12.4
4
5G
38.2
18.9
15.5
14
5Q
10.6
12.4
15.5
4
1H
40.6
24.0
3.1
14
1R
25.5
27.3
3.1
10
2H
40.6
24.0
6.2
14
2R
25.5
27.3
6.2
10
3H
40.6
24.0
9.3
14
3R
25.5
27.3
9.3
10
4H
40.6
24.0
12.4
14
4R
25.5
27.3
12.4
10
5H
40.6
24.0
15.5
14
5R
25.5
27.3
15.5
10
N Type
L Type
J Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com