Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC63R200RT Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # GC63R200RT
Description  3-Electrode 6.08.0 mm Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GC63R200RT Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  GC63R200RT Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GC63R200RT Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GC63R200RT Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GC63R200RT Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Discharge Tube:
:
:
:GC6 Series
3-Electrode Φ6.0*8.0 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Dimensions
□
□
□
□= R (Radial lead type)
□
□
□
□= N (No lead type)
□
□
□
□=F (Fail-Safe Device)
S
R2
R1
T1
d
L
Unit: mm
Dimensions
Item
Spec.
Tolerance
D
6.0
+0.2/-0.5
T
8.5
±0.5
T1
11.5
+0.8/-0.5
L
7.5
±0.5
S
3.8
±0.3
d
0.8
±0.05
Dimensions
Item
Spec.
Tolerance
D
6.0
+0.2/-0.5
T
8.5
±0.5
Unit: mm
Dimensions
Item
Spec.
Tolerance
R1
6.3
±0.3
R2
7.6
±0.4
T1
13.4
±0.4
L
11.0
±0.5
S
4.4
±0.3
d
1.0
±0.05
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com