Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS Datasheet(PDF) 1 Page - HolyStone International

Part # TMCS
Description  TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCS Datasheet(HTML) 1 Page - HolyStone International

  TMCS Datasheet HTML 1Page - HolyStone International TMCS Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
136
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
TMCS
Test conditions JIS C5101-1:1998
Operating temperature range
–55°C ~ +125°C
Rated voltage
DC4 ~ 35V
85°C
Surge voltage
DC5 ~ 45V
85°C
Derated voltage
DC2.5 ~ 22V
125°C
Capacitance
0.1 ~ 68µF
Capacitance tolerance
±10% or 20%
Paragraph 4.7, 120 Hz
Leakage current
tan
δ
Paragraph 4.8, 120Hz
Paragraph 4.26
Thermal shock
Failure rate
1%/1000hours
Specifiedinitialvalue
–55
85
125
C/C
–-10 ~ 0%
0 ~ +10% 0 ~ +12%
tan
δ
0.04
0.04
0.05
0.05
Valueshowntable
0.06
0.06
0.07
0.07
or less
LC
0.01CV
—
0.1CV
0.125CV
or
or
or
0.5µA or less
5µA or less
6.25µA or less
(Standard Tantalum Chip Capacitors)
Features
• The product is a standard type that has been most widely used among
tantalum chip capacitors. The product has high solder heat resistance
and is suitable for automatic mounting.
• The product is provided with both excellent frequency characteristic and
excellent impedance characteristics.
Product symbol : (Example) TMCS Series A case 16V 1
µF ±20%
Terminal code
Packing polarity code
Packing method code (T:carrier tape)
Capacitance tolerance code(M :
± 20%)
Capacitance code
Rated voltage code
Case size code
TMCS A 1C 105 M T R F
Type of series
Outline of drawings and dimensions
Anode indication belt mark
E case
A, B, C case
L
Case code
Case size
L±0.2
W±0.2
H±0.2
r±0.3
a±0.2
A
3.2
1.6
1.6
0.7
1.2
B
3.5
2.8
1.9
0.8
2.2
C
5.8
3.2
2.5
1.3
2.2
E
7.3
4.3±0.3
2.8
1.3
2.4
Dimensions
(Unit: mm)
0.1 ~ 1.0
0.04 or less
1.5 ~ 68
0.06 or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
0.01 CV or 0.5µA,
whichever is larger or less
Paragraph 4.9, in 5 minutes
after the rated voltage is
applied.
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
Specified initial value or less
LC
125% Specified initial value or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
150% Specified initial value or less
LC
125% Specified initial value or less
Product
specifications
Paragraph 4.24
Solder Dip
260±5°C
A,B case
C,E case
10±1 sec.
5±0.5 sec.
Reflow–260°C 10±1 sec.
Paragraph 4.22, 40°C
90 ~ 95%RH,500hours
Leave at -55°C, normal
temperature, 125°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 20 times running.
40°C, humidity 90 to 95%RH
The rated voltage is applied
for 500 hours.
Paragraph 4.23, 85°C
The rated voltage is applied
for 2000 hours.
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
TMCS Series
Rated voltage (V.DC)
Capitance
µF
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
Code
104
154
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
686
4
0G
A
B
C
E
7
0J
A
B
C
E
10
1A
A
B
C
E
16
1C
A
B
C
E
20
1D
A
B
C
E
25
1E
A
B
C
E
35
1V
A
A
A
A
B
B
B
C
C
C
E
E
Standard value and case size
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
no load
High-temperature
load
Moisture resistance
load
※This catalog is designed for providing general information. Please inquire
of our Sales Department to confirm specifications prior to use.


Similar Part No. - TMCS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
26-Oct-17
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCS-20-4-8192-AT-01 TRINAMIC-TMCS-20-4-8192-AT-01 Datasheet
469Kb / 12P
Hardware Manual
TMCS-20-KIT TRINAMIC-TMCS-20-KIT Datasheet
469Kb / 12P
Hardware Manual
TMCS-28 TRINAMIC-TMCS-28 Datasheet
354Kb / 15P
TMCS-28 Hardware Manual
V1.70 2021-APR-16
More results

Similar Description - TMCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMA1C106MTRF ETC-TMCMA1C106MTRF Datasheet
247Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCR HOLYSTONECAPS-TMCR Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCTX HOLYSTONECAPS-TMCTX Datasheet
62Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMF HOLYSTONECAPS-TMF Datasheet
59Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com