Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232B Datasheet(PDF) 2 Page - Protek Devices

Part # 232B
Description  INDUSTRIAL COMPUTER DATA LINE PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

232B Datasheet(HTML) 2 Page - Protek Devices

  232B Datasheet HTML 1Page - Protek Devices 232B Datasheet HTML 2Page - Protek Devices 232B Datasheet HTML 3Page - Protek Devices 232B Datasheet HTML 4Page - Protek Devices 232B Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05060.R4 12/10
Page 2
232B - 232E
TyPICAL DEvICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SyMBOL
vALUE
UNITS
Peak Operating Line Voltage
V
OP
±25
Volts
Operating Line Current
I
O
200
mA
Transient Voltage
-
10
kV/Wire
Transient Current - 8/20µs waveform
-
10
kA/Wire
Operating Temperature
T
A
-55 to 100
°C
Storage Temperature
T
STG
-55 to 100
°C
Response Time
-
< 1
ns
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MAXIMUM
CLAMPING
vOLTAGE
(8/20µs)
@ 500A
v
C
vOLTS
MAXIMUM
LINE
ThROUGhPUT
RESISTANCE
R
OhMS
MAXIMUM
LEAKAGE
CURRENT
@ 25v
OP
I
D
µA
MAXIMUM
CAPACITANCE
@ 0v, 1Mhz
C
pF
232B/E
40
12
5
2000
INSTALLATION INSTRUCTIONS
There are five (5) terminals on both the line and equipment side of the 232E - four data line terminals and two ground terminals. Both ground terminals, as shown on
the label, are connected internally. A single ground connection is sufficient. However, it is recommended that both ground connections be used for a lower imped-
ance path to earth. This connection can be made through the green AC power ground wire or a known earth ground. The ground wire should be #14 stranded wire.
Incoming data lines are cut or disconnected from the equipment to insert the 232E product. The line side of the terminals are to be connected to data lines from the
outside world or lines that carry the transient threats into the equipment to be protected. The equipment side of the terminals are to be connected to the equipment
to be protected . The location of the product should be such that these wires are as short as possible. A #18 or 20 gauge wire can be used for these connections.
Protectors should be installed at both ends of the data lines, at the point of entry to buildings. Use the shortest possible connection to a low impedance earth ground.
Proper grounding and bonding are essential for computer installation applications.
The 232B circuit board requires an edge connector interface for installation. The circuit board should be located at the building interface for incoming lines from the
outside world.
Both the 232B and 232E can be mounted on a data line circuit panel, which must be hard wired to the incoming data lines. Unprotected input lines and ground wires
are to be separated from protected output lines to prevent electromagnetic coupling of noise from high transient currents on the input lines.
ProTek’s data line protector is designed with a short circuit failure mode to give maximum protection. A fuse, fusible link, or circuit breaker is recommended for each
data/signal line on the input (line) side of the protector for those applications that require an open circuit failure mode.
Caution: A low DC resistance ground may not be indicative of a good lightning ground. Lightning contains a broad spectrum of frequencies - up to 1 MHz. A low
impedance path to ground at the transient frequencies is necessary. A ground strap is recommended or a #6 AWG stranded wire. For wire lengths over 1.5 meters,
there may be some excessive line to earth potential under severe thunderstorm conditions. For these applications, an additional protector may be necessary at the
equipment interface.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com