Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK08053L Datasheet(PDF) 19 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08053L
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08053L Datasheet(HTML) 19 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK08053L Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
19
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Storage Conditions of Products
Storage Conditions:
1. Storage Temperature:-10℃~+40℃
2. Relative Humidity:≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Shelf life:1 year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com