Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B062 Datasheet(PDF) 2 Page - Protek Devices

Part # 587B062
Description  240v acpower line surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B062 Datasheet(HTML) 2 Page - Protek Devices

  587B062 Datasheet HTML 1Page - Protek Devices 587B062 Datasheet HTML 2Page - Protek Devices 587B062 Datasheet HTML 3Page - Protek Devices 587B062 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05047.R5 2/11
Page 2
587B062 - 587B302
tyPical Device chaRacteRistics
MaXiMuM Ratings @ 25°c unless otherwise specified
PaRaMeteR
syMBol
value
units
Operating Line Voltage: +10%
V
O
240
Volts AC
Line Current: 587B062/587B162/587B302
-
6/16/30
Amps
Peak Transient Voltage
-
6000
Volts
Peak Transient Current
-
3000
Amps
Current Leakage @ 240 Volts AC - Line to Neutral
-
1
mA
Operating Temperature - Note 1
T
A
-40 to 85
°C
Storage Temperature - Note 1
T
STG
-40 to 85
°C
notes
1. Measured at the center of the mounting surface.
electRical chaRacteRistics @ 25°c unless otherwise specified
PRotection
MoDe
(note 1)
MaXiMuM
claMPing voltage
(note 2)
volts
oPen ciRcuit
voltage
(note 2)
@1.2/50µs
volts
shoRt ciRcuit
cuRRent
(note 2)
@ 8/20µs
aMPs
Line to Neutral
800
6000
3000
notes
1. Differential Mode Protection: Line to Neutral.
2. Test condition responses to transient voltages.
aRRestoR DeFinitions
Clamping Voltage: The clamping voltage of an arrester is the voltage that appears across its terminals during conduction of a transient current.
Standard Wave Form: The waveform of a surge current or voltage is designated by a combination of two numbers. The first number is for the time of the wave front
expressed in microseconds from zero to the peak of the wave. The second number is for the time of the wavetail also expressed in microseconds from zero to the
instant that the wavetail reaches one half of the crest or peak value, i.e., 8/20 µs waveform.
Transient Current: The transient current of an arrestor is the peak surge current which flows through the arrester when voltage clamping occurs.
oPeRation
For maximum effectiveness, the protector should be installed directly after the AC line on/off switch and fuse. This will protect the electronics from the AC line switch
arcing and the severe transients caused by a fuse clearing.
Some heat is produced when operating at full current load, and heat sinking may be required to maintain case temperature below 85°C. The case temperature is
measured at the center of the mounting surface. The unit should not be mounted to a low combusting temperature material such as wood.
High energy transients will cause a large circulating current in the AC input line (2,500A is possible). To prevent electromagnetic coupling, the AC line on the input side
of the protector must be dressed away from other wiring, magnetic shielding may be required. In addition, the electrical service must be connected to a low imped-
ance earth ground.
FilteR chaRacteRistics (noise attenuation db)
Frequency (MHz)
0.15
0.5
1.0
5.0
10
30
Differential Mode Attenuation
30
55
55
55
50
45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com