Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK08063N Datasheet(PDF) 16 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08063N
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08063N Datasheet(HTML) 16 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK08063N Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK08063N Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
16
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Reliability
Item
Standard
Test conditions / Methods
Specifications
Tensile Strength
of Terminals
IEC60068-2-21
Gradually applying the force specified and keeping the unit fixed for
10±1 sec.
Terminal diameter
Force
(mm)
(Kg)
0.5<d
0.80
≦
1.0
0.8<d
1.25
≦
2.0
No visible damage
Solderability
IEC60068-2-20
245 ± 5
,
℃ 3 ± 0.3 sec.
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat
IEC60068-2-20
260 ± 3℃, 10 ± 1 sec.
No visible damage
∣∣R25/R25
10 %
∣≦
High Temperature
Storage
IEC60068-2-2
Tu ± 5 ℃ x 1000± 24 hrs
No visible damage
∣∣R25/R25
20 %
∣≦
Damp Heat,
Steady State
IEC60068-2-3
40 ± 2℃, 90~95% RH, 1000 ± 24 hrs
No visible damage
∣∣R25/R25
20 %
∣≦
Rapid Change of
Temperature
IEC60068-2-14
The conditions shown below shall be repeated 5 cycles
Step
Temperature (
)
℃
Period (minutes)
1
TL ± 5
30 ± 3
2
Room temperature
5 ± 3
3
TU ± 5
30 ± 3
4
Room temperature
5 ± 3
No visible damage
∣∣R25/R25
20 %
∣≦
Max. Current
IEC60539-1
25 ± 5
, Imax
℃
. x 1000± 24 hrs
No visible damage
∣∣R25/R25
20 %
∣≦
Endurance
UL1434
25 ± 5
, Imax. , C
℃
T , 1min ON / 5 mins OFF x 1000 cycles
CT= Capacitance at 240 Vac
No visible damage
∣∣R25/R25
20 %
∣≦
Insulation Test
MIL-STD-202F
-Method 302
1000 VDC 1 min
No visible damage
500 M
≧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com