Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B062LP Datasheet(PDF) 3 Page - Protek Devices

Part # 587B062LP
Description  low profile 240v acpower line surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B062LP Datasheet(HTML) 3 Page - Protek Devices

  587B062LP Datasheet HTML 1Page - Protek Devices 587B062LP Datasheet HTML 2Page - Protek Devices 587B062LP Datasheet HTML 3Page - Protek Devices 587B062LP Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05057.R5 2/11
Page 3
587B062LP - 587B302LP
PacKage infoRMation
outLine DiMensions
DiM
MiLLiMeteRs
inches
Min
MaX
Min
MaX
A
96.8
3.81
B
88.9
3.50
C
110.92
111.68
4.37
4.40
D
14.43
0.586
E
43.89
44.39
1.62
1.72
F
27.9
1.10
G
58.04
58.80
2.29
2.32
oRDeRing infoRMation
Base PaRt nuMBeR
(xx = voltage)
MaRKing
587BxxxLP
Part Number, Date Code, Voltage, Logo, Current Rating, CSA Logo
A
B
C
D
E
F
G
DEVICE
MARKING
Line In
Dia. 0.181”
Neutral In
Ground In
Line 1 Out
Line 2 Out
Neutral 1 Out
Neutral 2 Out
Ground Out



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com