Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK08073L Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08073L
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08073L Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  SCK08073L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK08073L Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
5
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax( )
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA TUV
CQC
SCK200R7□
0.7
15
0.035
√
√
√
√
SCK201R0□
1
13
0.034
√
√
√
√
SCK201R5□
1.5
10.5
0.041
√
√
√
√
SCK202R0□
2
10
0.062
√
√
√
√
SCK202R5□
2.5
9
0.083
√
√
√
√
SCK203R0□
3
8.5
0.078
√
√
√
√
SCK204R0□
4
8
0.080
√
√
√
√
SCK204R7□
4.7
7.5
0.114
√
√
√
√
SCK205R0□
5
7.5
0.118
√
√
√
√
SCK206R0□
6
7
0.120
√
√
√
√
SCK206R8□
6.8
6.5
0.130
√
√
√
√
SCK207R0□
7
6.5
0.132
√
√
√
√
SCK208R0□
8
6
0.161
√
√
√
√
SCK20100□
10
5.5
0.196
√
√
√
√
SCK20120□
12
5
0.197
√
√
√
√
SCK20130□
13
5
0.213
√
√
√
√
SCK20150□
15
4.5
0.258
√
√
√
√
SCK20160□
16
4.5
0.276
√
√
√
√
SCK20180□
18
4
0.280
√
√
√
√
SCK20200□
20
4
0.306
4.9
Approx.
28
Approx.
113
-40 ~ +200
√
√
√
√
SCK251R0□
1
20
0.020
√
√
√
√
SCK251R5□
1.5
18.5
0.023
√
√
√
√
SCK252R0□
2
18
0.025
√
√
√
√
SCK252R5□
2.5
15
0.032
√
√
√
√
SCK253R0□
3
14.5
0.042
√
√
√
√
SCK254R0□
4
14
0.044
√
√
√
√
SCK254R7□
4.7
13
0.052
√
√
√
√
SCK255R0□
5
12
0.061
√
√
√
√
SCK256R8□
6.8
10.5
0.082
√
√
√
√
SCK257R0□
7
10
0.092
√
√
√
√
SCK258R0□
8
9
0.115
√
√
√
√
SCK25100□
10
8
0.141
√
√
√
√
SCK25120□
12
7.5
0.164
√
√
√
√
SCK25150□
15
6.5
0.210
√
√
√
√
SCK25180□
18
5.5
0.231
√
√
√
√
SCK25200□
20
5
0.270
7.0
Approx.
30
Approx.
130
-40 ~ +200
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com