Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK08073N Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK08073N
Description  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08073N Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK08073N Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd SCK08073N Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
6
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Note1 : □ = Tolerance of R25
Note2:UL&cUL File No. E138827
CSA File No. 97495
TUV File No. R 50050155
CQC File No. CQC05001011984,985, 988,989 ,990,993
CQC04001011942, 943, 944, 963, 964, 965
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax( )
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA TUV
CQC
SCK301R0□
1
30
0.016
√
√
√
√
SCK301R5□
1.5
25
0.020
√
√
√
√
SCK302R0□
2
23
0.022
√
√
√
√
SCK302R5□
2.5
18
0.030
√
√
√
√
SCK303R0□
3
17
0.035
√
√
√
√
SCK304R0□
4
16
0.048
√
√
√
√
SCK304R7□
4.7
15
0.055
√
√
√
√
SCK305R0□
5
14
0.057
√
√
√
√
SCK306R8□
6.8
12
0.077
√
√
√
√
SCK307R0□
7
11.5
0.084
√
√
√
√
SCK308R0□
8
10.5
0.100
√
√
√
√
SCK30100□
10
10
0.115
√
√
√
√
SCK30120□
12
9
0.142
√
√
√
√
SCK30150□
15
8
0.175
√
√
√
√
SCK30180□
18
7
0.210
√
√
√
√
SCK30200□
20
6
0.233
8.0
Approx. 40
Approx.
190
-40 ~ +200
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com