Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET720 Datasheet(PDF) 3 Page - Protek Devices

Part # ET720
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ET720 Datasheet(HTML) 3 Page - Protek Devices

  ET720 Datasheet HTML 1Page - Protek Devices ET720 Datasheet HTML 2Page - Protek Devices ET720 Datasheet HTML 3Page - Protek Devices ET720 Datasheet HTML 4Page - Protek Devices ET720 Datasheet HTML 5Page - Protek Devices ET720 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05165.R6 1/11
Page 3
ET720
TyPical dEvicE chaRacTERisTics
FiguRE 2
non-REPETiTivE PEak PulsE cuRREnT caPaBiliTy
square wave Pulse - ms
0.001
0.01
0.1
1
10
100
8
0
2
4
6
FiguRE 3
TyPical low cuRREnT FoRwaRd volTagE dRoP
Forward voltage drop - mv
600
800
1000
1200
0
40
80
120
160
200
T
A = 25°C
Single Pulse
See Figure 1
FiguRE 4
low FoRwaRd cuRREnT vs FoRwaRd volTagE
Forward voltage drop - v
0
1
2
3
0
1
2
3
4
5
T
A = 25°C
Single Pulse
See Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com