Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA03151MP6D2 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # PLA03151MP6D2
Description  For Switching Application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03151MP6D2 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03151MP6D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2006.07
Packaging
Taping Specification
Lead Space 7.5mm (P0=12.7mm)
Lead Space 2.5mm & 5.0mm & 7.5mm (P0=15mm)
Lead Space 2.5mm & 5.0mm (P0=12.7mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com