Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet(PDF) 1 Page - Protek Devices

Part # IO6LC
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

IO6LC Datasheet(HTML) 1 Page - Protek Devices

  IO6LC_10 Datasheet HTML 1Page - Protek Devices IO6LC_10 Datasheet HTML 2Page - Protek Devices IO6LC_10 Datasheet HTML 3Page - Protek Devices IO6LC_10 Datasheet HTML 4Page - Protek Devices IO6LC_10 Datasheet HTML 5Page - Protek Devices IO6LC_10 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05137.R8 9/10
Page 1
IO6LC
uLtRa LOw CaPaCItanCe steeRIng dIOde aRRay
desCRIPtIOn
The IO6LC is a low capacitance and low leakage steering diode array capable of protecting up to six (6) high speed
data lines. Its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while protecting
the circuit ICs from the damage of severe transients. An extremely low leakage current makes the IO6LC suitable for
battery powered devices.
The IO6LC is available in a SO-8 package. This device meets all the applicable voltage immunity standards, including
IEC 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge).
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 350mW Continuous Power Dissipation
• Provides Six Lines of Protection
• Low Leakage Current: < 1.0µA
• Ultra Low Capacitance: 3pF Typical
• RoHS Compliant
• REACH Compliant
MeChanICaL ChaRaCteRIstICs
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLICatIOns
• Computing Devices
• SMART Phones
• Portable Electronics
• Sensors
• Set Top Box Interfaces
PIn COnFIguRatIOn
sO-8 PaCkage
I/O 1
I/O 2
I/O 3
V
N
V
P
I/O 6
I/O 5
I/O 4
1
2
4
8
3
5
6
7


Similar Part No. - IO6LC_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results

Similar Description - IO6LC_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB208 PROTEC-USB208_12 Datasheet
622Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com