Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD Datasheet(PDF) 1 Page - Protek Devices

Part # MMAD
Description  ultra low capacitance multi-line steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MMAD Datasheet(HTML) 1 Page - Protek Devices

  MMAD Datasheet HTML 1Page - Protek Devices MMAD Datasheet HTML 2Page - Protek Devices MMAD Datasheet HTML 3Page - Protek Devices MMAD Datasheet HTML 4Page - Protek Devices MMAD Datasheet HTML 5Page - Protek Devices MMAD Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05136.R11 2/11
Page 1
MMAD Series
ultRA low cAPAcitAnce Multi-line SteeRing DioDe ARRAy
DeScRiPtion
The MMAD Series are low distortion steering diodes. These devices are intended for use in high frequency analog
or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The
MMAD Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage
transients for the protection of sensitive network interface circuits.
This series provides low capacitance, which insures signal integrity up to 900MHz, while complete isolation between
adjacent diodes keeps cross-talk to a minimum. The MMAD Series is available in a SO-14 package and meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 7 to 10 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant
MechAnicAl chARActeRiSticS
• Molded JEDEC SO-14 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlicAtionS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports
ciRcuit DiAgRAM
So-14 PAckAge
I/O PORT
+
GND OR (-)
Does not Apply to the MMAD1109


Similar Part No. - MMAD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1103 MICROSEMI-MMAD1103 Datasheet
90Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1103 PROTEC-MMAD1103 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
logo
Microsemi Corporation
MMAD1103 MICROSEMI-MMAD1103 Datasheet
91Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
logo
Protek Devices
MMAD1103 PROTEC-MMAD1103 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
logo
Microsemi Corporation
MMAD1103E3 MICROSEMI-MMAD1103E3 Datasheet
91Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
More results

Similar Description - MMAD

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MAD PROTEC-MAD_10 Datasheet
850Kb / 5P
ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_11 Datasheet
480Kb / 5P
ultra low capacitance multi-line steering diode array
PMAD1108 PROTEC-PMAD1108_10 Datasheet
501Kb / 4P
ultra low capacitance multi-line steering diode array
PMMAD1108 PROTEC-PMMAD1108_11 Datasheet
495Kb / 5P
ultra low capacitance multi-line steering diode array
MAD1108 PROTEC-MAD1108_12 Datasheet
506Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD PROTEC-MMAD_12 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108_12 Datasheet
482Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD PROTEC-PMAD_12 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1108-LF PROTEC-PMAD1108-LF Datasheet
375Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMMAD PROTEC-PMMAD_15 Datasheet
791Kb / 7P
ULTRA LOW CAPACITANCE MULTI - LINE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com