Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB002 Datasheet(PDF) 1 Page - Protek Devices

Part # USB002
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB002 Datasheet(HTML) 1 Page - Protek Devices

  USB002 Datasheet HTML 1Page - Protek Devices USB002 Datasheet HTML 2Page - Protek Devices USB002 Datasheet HTML 3Page - Protek Devices USB002 Datasheet HTML 4Page - Protek Devices USB002 Datasheet HTML 5Page - Protek Devices USB002 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05244.R3 4/11
Page 1
USB002
UltRa low caPacitance SteeRing diode aRRay
deScRiPtion
The USB002 is an ultra low capacitance (0.6pF) steering diode array. This device provides circuit protection for
interfaces and wireless bus applications and portable electronics. The USB002 is ideally suited to protect USB data
I/O ports against the effects of ESD and EFT.
The USB002 meets the requirements of IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT). At higher operating frequen-
cies or faster edge rates, insertion loss and signal integrity are a major concern. The USB002 offers a ultra low
capacitance and low leakage current in a SOT-543 package.
FeatUReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• ESD Protection > 25 kilovolts
• 225 Milliwatt Continuous Power Dissipation
• Provides 2 Lines of Protection
• Low Leakage Current < 1.0µA
• Ultra Low Capacitance: 0.6pF
• RoHS Compliant
• REACH Compliant
Mechanical chaRacteRiSticS
• Molded JEDEC SOT-543 Package
• Approximate Weight: 3 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPlicationS
• USB Interface Ports
• SMART Phones
• Video
• Portable Electronics
• Laptops
Pin conFigURation
Sot-543 Package
1
3
4
2
V
N
I/O 1
V
P
I/O 2


Similar Part No. - USB002

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results

Similar Description - USB002

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET720 PROTEC-ET720_11 Datasheet
526Kb / 6P
ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB208 PROTEC-USB208_12 Datasheet
622Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com