Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB208 Datasheet(PDF) 2 Page - Protek Devices

Part # USB208
Description  ultra low capacitance steering diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB208 Datasheet(HTML) 2 Page - Protek Devices

  USB208 Datasheet HTML 1Page - Protek Devices USB208 Datasheet HTML 2Page - Protek Devices USB208 Datasheet HTML 3Page - Protek Devices USB208 Datasheet HTML 4Page - Protek Devices USB208 Datasheet HTML 5Page - Protek Devices USB208 Datasheet HTML 6Page - Protek Devices USB208 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05141.R11 2/11
Page 2
USB208
tyPical device chaRacteRiSticS
MaXiMUM RatingS @ 25°c Unless otherwise Specified
PaRaMeteR
SyMBol
valUe
UnitS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
500
mW
Repetitive Peak Forward Current @ tp = 5µs, F = 50kHz (Pin 2-3)
I
FRM
700
mA
electRical chaRacteRiSticS PeR line @ 25°c Unless otherwise Specified
PaRt
nUMBeR
device
MaRking
RePetitive
Peak
ReveRSe
voltage
@ 10µa
v
RRM
voltS
MaXiMUM
ReveRSe
leakage
cURRent
PeR diode
@ v
RRM @ 5v
i
R
µa
tyPical
FoRwaRd
voltage
@ 50ma
v
F
voltS
MaXiMUM
caPacitance
(note 1)
c
j
pF
USB208
PSB
20
1
1.2
5
noteS
1. Apply a 5V bias between pin 2 (REF 1) to pin 5 (REF 2). Measure Cj between I/O pins to pin 5 (REF 2) and divide by two.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com