Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0405C Datasheet(PDF) 2 Page - Protek Devices

Part # USB0405C
Description  350 watt low capacitance tvs array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0405C Datasheet(HTML) 2 Page - Protek Devices

  USB0405C Datasheet HTML 1Page - Protek Devices USB0405C Datasheet HTML 2Page - Protek Devices USB0405C Datasheet HTML 3Page - Protek Devices USB0405C Datasheet HTML 4Page - Protek Devices USB0405C Datasheet HTML 5Page - Protek Devices USB0405C Datasheet HTML 6Page - Protek Devices USB0405C Datasheet HTML 7Page - Protek Devices USB0405C Datasheet HTML 8Page - Protek Devices USB0405C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05205.R5 10/10
Page 2
USB0403 - USB0424C
tyPiCal DeviCe ChaRaCteRiStiCS
MaXiMUM RatingS @ 25°C Unless otherwise Specified
PaRaMeteR
SyMBol
valUe
UnitS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
350
Watts
eleCtRiCal ChaRaCteRiStiCS PeR line @ 25°C Unless otherwise Specified
PaRt
nUMBeR
(notes 1 - 2)
DeviCe
MaRking
RateD
StanD-oFF
voltage
v
wM
voltS
MiniMUM
BReakDown
voltage
@ 1ma
v
(BR)
voltS
MaXiMUM
ClaMPing
voltage
(Fig. 2)
@ i
P = 5a
v
C
voltS
MaXiMUM
ClaMPing
voltage
(See Fig. 2)
@ 8/20µS
v
C @ iPP
voltS
MaXiMUM
leakage
CURRent
@v
wM
i
D
µa
tyPiCal
CaPaCitanCe
@0v, 1Mhz
C
pF
USB0403
3U
3.3
4.0
9.0
19.0V @ 20.0A
125
5
USB0403C
3B
3.3
4.0
9.0
19.0V @ 20.0A
125
5
USB0405
5U
5.0
6.0
11.0
18.3V @ 17.0A
20
5
USB0405C
5B
5.0
6.0
11.0
18.3V @ 17.0A
20
5
USB0408
8U
8.0
8.5
16.6
18.5V @ 17.0A
10
5
USB0408C
8B
8.0
8.5
16.6
18.5V @ 17.0A
10
5
USB0412
12U
12.0
13.3
24.0
28.6V @ 11.0A
1
5
USB0412C
12B
12.0
13.3
24.0
28.6V @ 11.0A
1
5
USB0415
15U
15.0
16.6
30.0
31.8V @ 10.0A
1
5
USB0415C
15B
15.0
16.6
30.0
31.8V @ 10.0A
1
5
USB0424
24U
24.0
26.7
N/A
56.0V @ 6.0A
1
5
USB0424C
24B
24.0
26.7
N/A
56.0V @ 6.0A
1
5
noteS
1. Part numbers with an additional “C” suffix are bidirectional devices, i.e., USB0405C.
2. UnidirectionalOnly: Positive potential is applied from pin 2 to 1 or pin 3 to 4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com