Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB50812 Datasheet(PDF) 1 Page - Protek Devices

Part # USB50812
Description  500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB50812 Datasheet(HTML) 1 Page - Protek Devices

  USB50812 Datasheet HTML 1Page - Protek Devices USB50812 Datasheet HTML 2Page - Protek Devices USB50812 Datasheet HTML 3Page - Protek Devices USB50812 Datasheet HTML 4Page - Protek Devices USB50812 Datasheet HTML 5Page - Protek Devices USB50812 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05322.R2 11/10
Page 1
USB50803 - USB50824C
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The USB508xx and USB508xxC Series are multi-line ultra low capacitance transient voltage suppressor arrays that
provide board level protection for computing and telecommunications applications against the damaging effects of
ESD, tertiary lightning and switching transients.
The USB508xx and USB508xxC Series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This
device series meets the IEC 61000-4-2 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 24V
• Ultra Low Capacitance: 3pF
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Ethernet - 10/100/1000 Base T
• Computing Interfaces
• xDSL Interfaces
• Cellualr Phone Terminals
PIN CONFIGURATIONS
SO-8 PACkAGE
1
2
4
8
3
5
6
7
8
7
5
1
6
4
3
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - USB50812

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50812 MICROSEMI-USB50812 Datasheet
92Kb / 2P
TVSarray Series
logo
Protek Devices
USB50812 PROTEC-USB50812 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB50812C MICROSEMI-USB50812C Datasheet
91Kb / 2P
TVSarray Series
logo
Protek Devices
USB50812C PROTEC-USB50812C Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB50812C-A MICROSEMI-USB50812C-A Datasheet
113Kb / 2P
Bidirectional Low Capacitance TVSarray ?
More results

Similar Description - USB50812

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_12 Datasheet
889Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com