Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS23W Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BAS23W
Description  USM PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAS23W Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BAS23W Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
BAS23W
JE
2
1
2008. 9. 8
1/1
MARKING SPECIFICATION
USM PACKAGE
Revision No : 1
1. Marking method
Laser Marking
2. Marking
No.
Item
Marking
Description
①
Device Mark
JE
BAS23W
hFE Grade
-
-
②
* Lot No.
01
2006. 1st Week
[0:1st Character, 1:2nd Character]
Note) * Lot No. marking method
Character
arrangement
1 st Character
1
(A)
2
(B)
3
(C)
4
(D)
5
(E)
6
(F)
7
(G)
8
(H)
9
(I)
0
(J)
2nd Character
A
(1)
B
(2)
C
(3)
D
(4)
E
(5)
F
(6)
G
(7)
H
(8)
I
(9)
J
(0)
Year
Marking (Week)
Periode (Year)
Remark
1 st Year (2006)
01
02
…
51
52
2006-2010-2014...
Rotation for 4 years
2 nd Year (2007)
0A
0B
…
5A
5B
2007-2011-2015...
3 rd Year (2008)
J1
J2
…
E1
E2
2008-2012-2016...
4 th Year (2009)
JA
JB
…
EA
EB
2009-2013-2017...


Similar Part No. - BAS23W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BAS23W KEC-BAS23W_15 Datasheet
432Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - BAS23W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR732 KEC-KDR732_08 Datasheet
21Kb / 1P
USM PACKAGE
KDS113 KEC-KDS113_08 Datasheet
349Kb / 1P
USM PACKAGE
KDS123U KEC-KDS123U Datasheet
349Kb / 1P
USM PACKAGE
KRA301E KEC-KRA301E_00 Datasheet
25Kb / 1P
USM PACKAGE
KRA311 KEC-KRA311_08 Datasheet
21Kb / 1P
USM PACKAGE
KRA313 KEC-KRA313_08 Datasheet
21Kb / 1P
USM PACKAGE
KRA321 KEC-KRA321_08 Datasheet
21Kb / 1P
USM PACKAGE
KRA352 KEC-KRA352 Datasheet
32Kb / 1P
USM PACKAGE
KTC4021 KEC-KTC4021_08 Datasheet
21Kb / 1P
USM PACKAGE
KTC4080 KEC-KTC4080_08 Datasheet
21Kb / 1P
USM PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com